Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download FDA24N50F12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm february 2012 fda24n50f n-channel mosfet ?2012 fairchild semiconductor corporation fda24n50f rev.c0 www.fairchildsemi.com 1 unifet tm fda24n50f n-channel mosfet 500v, 24a, 0.2 features ?r ds(on) = 0.166 ( typ.)@ v gs = 10v, i d = 12a ? low gate charge ( typ. 65nc) ? low c rss ( typ. 32pf) ? fast switching ? 100% avalanche tested ? improved dv/dt capability ? rohs compliant description these n-channel enhancement mode power field effect transis- tors are produced using fairchild?s proprietary, planar stripe, dmos technology. this advance technology has been especially tailored to mini- mize on-state resistance, prov ide superior switching perfor- mance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high effi- cient switching mode power supplies and active power factor correction. d g s to-3pn gs d mosfet maximum ratings t c = 25 o c unless otherwise noted thermal characteristics symbol parameter ratings units v dss drain to source voltage 500 v v gss gate to source voltage 30 v i d drain current -continuous (t c = 25 o c) 24 a -continuous (t c = 100 o c) 14 i dm drain current - pulsed (note 1) 96 a e as single pulsed avalanche energy (note 2) 1872 mj i ar avalanche current (note 1) 24 a e ar repetitive avalanche energy (note 1) 27 mj dv/dt peak diode recovery dv/dt (note 3) 20 v/ns p d power dissipation (t c = 25 o c) 270 w - derate above 25 o c2.2w/ o c t j , t stg operating and storage temperature range -55 to +150 o c t l maximum lead temperature for soldering purpose, 1/8? from case for 5 seconds 300 o c symbol parameter ratings units r jc thermal resistance, junction to case 0.46 o c/w r cs thermal resistance, case to sink typ. 0.24 r ja thermal resistance, junction to ambient 40
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 2 package marking and ordering information electrical characteristics t c = 25 o c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics device marking device package reel size tape width quantity fda24n50f fda24n50f to-3pn - - 30 symbol parameter test conditions min. typ. max. units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0v, t j = 25 o c 500 - - v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 o c-0.6-v/ o c i dss zero gate voltage drain current v ds = 500v, v gs = 0v - - 1 a v ds = 400v, t c = 125 o c--10 i gss gate to body leakage current v gs = 30v, v ds = 0v - - 100 na v gs(th) gate threshold voltage v gs = v ds , i d = 250 a3.0-5.0v r ds(on) static drain to source on resistance v gs = 10v, i d = 12a - 0.166 0.2 g fs forward transconductance v ds = 20v, i d = 12a (note 4) -30-s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 3240 4310 pf c oss output capacitance - 450 600 pf c rss reverse transfer capacitance - 32 48 pf q g(tot) total gate charge at 10v v ds = 400v, i d = 24a v gs = 10v (note 4, 5) -6585nc q gs gate to source gate charge - 18 - nc q gd gate to drain ?miller? charge - 26 - nc t d(on) turn-on delay time v dd = 250v, i d = 24a r g = 25 (note 4, 5) - 49 108 ns t r turn-on rise time - 105 220 ns t d(off) turn-off delay time - 165 340 ns t f turn-off fall time - 87 185 ns i s maximum continuous drain to source diode forward current - - 24 a i sm maximum pulsed drain to source diode forward current - - 96 a v sd drain to source diode forward voltage v gs = 0v, i sd = 24a - - 1.4 v t rr reverse recovery time v gs = 0v, i sd = 24a di f /dt = 100a/ s (note 4) - 264 - ns q rr reverse recovery charge - 1.4 - c notes: 1. repetitive rating: pulse width limi ted by maximum junction temperature 2. l = 6.5mh, i as = 24a, v dd = 50v, r g = 25 , starting t j = 25 c 3. i sd 24a, di/dt 200a/ s, v dd bv dss , starting t j = 25 c 4. pulse test: pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature typical characteristics
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 3 typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate vo ltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 0.1 1 10 1 10 60 *notes: 1. 250 s pulse test 2. t c = 25 o c v gs = 15.0v 10.0v 8.0 v 7.0 v 6.5 v 6.0 v 5.5 v i d ,drain current[a] v ds ,drain-source voltage[v] 0.5 45678 1 10 100 -55 o c 150 o c *notes: 1. v ds = 20v 2. 250 s pulse test 25 o c i d ,drain current[a] v gs ,gate-source voltage[v] 0 20406080 0.15 0.20 0.25 0.30 0.35 *note: t j = 25 o c v gs = 20v v gs = 10v r ds(on) [ ] , drain-source on-resistance i d , drain current [a] 0.2 0.6 1.0 1.4 1 10 100 *notes: 1. v gs = 0v 2. 250 s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 150 0.1 1 10 0 1500 3000 4500 6000 7500 c oss c iss c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v] 30 0204060 0 2 4 6 8 10 *note: i d = 24a v ds = 100v v ds = 250v v ds = 400v v gs , gate-source voltage [v] q g , total gate charge [nc] 70
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 4 typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 11. transient thermal response curve -75 -25 25 75 125 175 0.8 0.9 1.0 1.1 1.2 *notes: 1. v gs = 0v 2. i d = 250 a bv dss , [normalized] drain-source breakdown voltage t j , junction temperature [ o c ] -75 -25 25 75 125 175 0.0 0.5 1.0 1.5 2.0 2.5 3.0 *notes: 1. v gs = 10v 2. i d = 12a r ds(on) , [normalized] drain-source on-resistance t j , junction temperature [ o c ] 1 10 100 1000 0.01 0.1 1 10 100 200 60 s 100 s 1ms 10ms i d , drain current [a] v ds , drain-source voltage [v] operation in this area is limited by r ds(on) *notes: 1. t c = 25 o c 2. t j = 150 o c 3. single pulse dc 25 50 75 100 125 150 0 6 12 18 24 i d , drain current [a] t c , case temperature [ o c ] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 0.001 0.01 0.1 1 0.01 0.1 0.2 0.05 0.02 *notes: 1. z jc (t) = 0.46 o c/w max. 2. duty factor, d= t 1 /t 2 3. t jm - t c = p dm * z jc (t) 0.5 single pulse thermal response [ z jc ] rectangular pulse duration [sec] t 1 p dm t 2
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 5 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 6 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 7 mechanical dimensions to-3pn dimensions in millimeters
fda24n50f n-channel mosfet fda24n50f rev.c0 www.fairchildsemi.com 8 trademarks the following includes registered and unregistered trademarks and se rvice marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes wi thout further notice to any products herein to improve reliability, function, or design. fairchild does not assume any li ability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwid e terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support d evices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life su pport, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life sup port device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? tm datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product developm ent. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification n eeded full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-co unterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many probl ems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts . fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by co untry on our web page cited above. products custom ers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have fu ll traceability, meet fairchild?s quality st andards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product inform ation. fairchild and our authorized dist ributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our custom ers to do their part in stopping this practice by buying direct or from authorized distributors. rev. i61 tm ?


▲Up To Search▲   

 
Price & Availability of FDA24N50F12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X